Part Number Hot Search : 
03800 SN7415 M26LS32 ST301 E130030 WHE1R0FE TIP30CG 2C508
Product Description
Full Text Search
 

To Download SI8435DB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI8435DB
Vishay Siliconix
P-Channel 1.5-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V) RDS(on) () 0.041 at VGS = - 4.5 V - 20 0.048 at VGS = - 2.5 V 0.058 at VGS = - 1.8 V 0.075 at VGS = - 1.5 V ID (A)a - 10.0 - 9.32 22 nC - 8.48 - 7.45 Qg (Typ.)
FEATURES * TrenchFET(R) Power MOSFET * Ultra Small MICRO FOOT(R) Chipscale
Packaging Reduces Footprint Area, Profile COMPLIANT (0.62 mm) and On-Resistance Per Footprint Area
RoHS
APPLICATIONS * Low Threshold Load Switch for Portable Devices
- Low Power Consumption - Increased Battery Life
MICRO FOOT
Bump Side V iew 3 D D 2 Backside V iew G
S
8435 XXX
Device Marking: 8435
xxx = Date/Lot Traceability Code D P-Channel MOSFET
S 4
G 1
Ordering Information: SI8435DB-T1-E1 (Lead (Pb)-free)
ABSOLUTE MAXIMUM RATINGS TA = 25 C, unless otherwise noted
Parameter Drain-Source Voltage Gate-Source Voltage TC = 25 C TC = 70 C TA = 25 C TA = 70 C TC = 25 C TA = 25 C TC = 25 C TC = 70 C TA = 25 C TA = 70 C Symbol VDS VGS Limit - 20 5 - 10.0 - 8.06 - 6.72b,c - 5.37b,c - 15 - 5.21 - 2.31b,c 6.25 4.0 2.78b,c 1.78b,c - 55 to 150 260 Unit V
Continuous Drain Current (TJ = 150 C)
ID
A
Pulsed Drain Current Continuous Source-Drain Diode Current
IDM IS
Maximum Power Dissipation
PD
W
TJ, Tstg IR/Convection Package Reflow Conditionsd Notes: a. Based on TC = 25 C. b. Surface Mounted on 1" x 1" FR4 board. c. t = 10 s. d. Refer to IPC/JEDEC (J-STD-020C), no manual or hand soldering. www..com e. In this document, any reference to the Case represents the body of the MICRO FOOT device and Foot is the bump.
Operating Junction and Storage Temperature Range
C
Document Number: 73559 S-82119-Rev. D, 08-Sep-08
www.vishay.com 1
SI8435DB
Vishay Siliconix
THERMAL RESISTANCE RATINGS
Parameter Maximum Junction-to-Ambient
a,b
Symbol RthJA Steady State RthJF
Typical 35 16
Maximum 45 20
Unit C/W
Maximum Junction-to-Foot (Drain)
Notes: a. Surface Mounted on 1" x 1" FR4 board. b. Maximum under Steady State conditions is 72 C/W.
SPECIFICATIONS TJ = 25 C, unless otherwise noted
Parameter Static Drain-Source Breakdown Voltage VDS Temperature Coefficient VGS(th) Temperature Coefficient Gate-Source Threshold Voltage Gate-Source Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Resistancea Forward Transconductancea Dynamicb Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Ciss Coss Crss Qg Qgs Qgd Rg td(on) tr td(off) tf VDD = - 10 V, RL = 10 ID - 1 A, VGEN = - 4.5 V, Rg = 1 VGS = - 0.1 V, f = 1 MHz VDS = - 10 V, VGS = - 5 V, ID = - 1 A VDS = - 16 V, VGS = - 4.5 V, ID = - 1 A VDS = - 10 V, VGS = 0 V, f = 1 MHz 1600 265 175 23 22 3.25 1.95 20 15 29 230 91 23 44 345 137 ns 35 33 nC pF VDS VDS/TJ VGS(th)/TJ VGS(th) IGSS IDSS ID(on) VGS = 0 V, ID = - 250 A ID = - 250 A VDS = VGS, ID = - 250 A VDS = 0 V, VGS = 5 V VDS = - 20 V, VGS = 0 V VDS = - 20 V, VGS = 0 V , TJ = 70 C VDS - 5 V, VGS = - 4.5 V VGS = - 4.5 V, ID = - 1 A RDS(on) VGS = - 2.5 V, ID = - 1 A VGS = - 1.8 V, ID = - 1 A VGS = - 1.5 V, ID = - 1 A gfs VDS = - 10 V, ID = - 1 A - 15 0.034 0.040 0.048 0.055 10.5 0.041 0.048 0.058 0.075 16 S - 0.35 - 20 - 15.5 2.5 - 1.0 100 -1 - 10 V mV/C V nA A A Symbol Test Conditions Min. Typ. Max. Unit
www..com
www.vishay.com 2
Document Number: 73559 S-82119-Rev. D, 08-Sep-08
SI8435DB
Vishay Siliconix
SPECIFICATIONS TJ = 25 C, unless otherwise noted
Parameter Continuous Source-Drain Diode Current Pulse Diode Forward Current Body Diode Voltage Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge Reverse Recovery Fall Time Symbol Test Conditions Min. Typ. Max. Unit Drain-Source Body Diode Characteristics IS ISM VSD trr Qrr ta tb IF = - 1 A, dI/dt = 100 A/s, TJ = 25 C IS = - 1 A, VGS = 0 V 0.6 116 203 45 71 TC = 25 C - 5.21 - 15 1.2 174 305 V ns nC ns A
Reverse Recovery Rise Time Notes: a. Pulse test; pulse width 300 s, duty cycle 2 %. b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
15 VGS = 5 V thru 2 V 12 I D - Drain Current (A)
TA = 25 C, unless otherwise noted
6
5 I D - Drain Current (A)
4
9 VGS = 1.5 V 6
3
2
3 VGS = 10 V 0 0.0
1
0 0.6 1.2 1.8 2.4 3.0 0.0 0.3 0.6 0.9 1.2 1.5
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Output Characteristics
Transfer Characteristics
www..com
Document Number: 73559 S-82119-Rev. D, 08-Sep-08
www.vishay.com 3
SI8435DB
Vishay Siliconix
TYPICAL CHARACTERISTICS TA = 25 C, unless otherwise noted
0.12 1.6 ID = 1 A R DS(on) - D to S On-Resistance () 0.10 R DS(on) - On-Resistance (Normalized) 1.4 VGS = 4.5 V, 2.5 V 1.2 VGS = 1.8 V, 1.5 V 1.0
0.08 VGS = 1.5 V 0.06 VGS = 1.8 V VGS = 2.5 V 0.04 VGS = 4.5 V 0.02 0 3 6 9 12 15
0.8
0.6 - 50
- 25
0
25
50
75
100
125
150
ID - Drain Current (A)
TJ - Junction T emperature (C)
RDS(on) vs. Drain Current
2500 10
On-Resistance vs. Junction Temperature
2000 C - Capacitance (pF) C iss 1500 I S - Source Current (A) 1 TA = 150 C TA = 25 C 0.1
1000
500 Coss Crss 0 0 4 8 12 16 20 0.01 0.2
0.4
0.6
0.8
1.0
VDS - Drain-Source Voltage (V)
VSD - Source-to-Drain Voltage (V)
Capacitance
5 ID = 1 A VGS - Gate-to-Source Voltage (V) R DS(on) - On-Resistance () 4 VDS = 10 V 3 VDS = 16 V 2 0.10 0.12
Forward Diode Voltage vs. Temp.
ID = 1 A
0.08
0.06
TA = 125 C
1
0.04 TA = 25 C 0.02 0 1 2 3 4 5
0 0 5 10 15 20 25
www..com
Qg - Total Gate Charge (nC)
VGS - Gate-to-Source Voltage (V)
Gate Charge
RDS(on) vs. VGS vs Temperature
www.vishay.com 4
Document Number: 73559 S-82119-Rev. D, 08-Sep-08
SI8435DB
Vishay Siliconix
TYPICAL CHARACTERISTICS TA = 25 C, unless otherwise noted
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 - 50 0 - 25 0 25 50 75 100 125 150 0 25 50 75 100 125 150 TJ - Temperature (C) TC - Case Temperature (C) I D - Drain Current (A) 8 VGS(th) (V) 12
4
Threshold Voltage
80 8
Current Derating**
60 Power (W)
6
Power (W)
40
4
20
2
0 0.001 0.01 0.1 Time (s) 1 10
0 0 25 50 75 100 125 150 Case Temperature ( C)
Single Pulse Power, Juncion-to-Ambient
100 Limited by R DSon* 10 I D - Drain Current (A) IDM Limited P (t) = 10 ms P (t) = 100 ms 1 P (t) = 1 s P (t) = 10 s 0.1 DC
Power Derating
0.01
TA = 25 C Single Pulse BVDSS Limited
** The power dissipation PD is based on TJ(max) = 150 C, using junction-to-foot thermal resistance, and is more useful in settling the
100
0.001 0.1 1 10 VDS - Drain-to-Source Voltage (V)
upper dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package limit.
www..com
* VGS > minimum V GS at which RDS(on) is specified
Safe Operating Area, Junction-to-Ambient Document Number: 73559 S-82119-Rev. D, 08-Sep-08 www.vishay.com 5
SI8435DB
Vishay Siliconix
TYPICAL CHARACTERISTICS TA = 25 C, unless otherwise noted
2 1 Duty Cycle = 0.5
Normalized Effective Transient Thermal Impedance
0.2
Notes:
0.1 0.1 0.05
t1 PDM
0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (s)
t2 1. Duty Cycle, D =
2. Per Unit Base = R thJA = 72 C/W 3. T JM - T A = PDMZthJA(t) 4. Surface Mounted
t1 t2
10
100
600
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Duty Cycle = 0.5
Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (s) 1 10
Normalized Thermal Transient Impedance, Junction-to-Foot
www..com
www.vishay.com 6
Document Number: 73559 S-82119-Rev. D, 08-Sep-08
SI8435DB
Vishay Siliconix
PACKAGE OUTLINE
MICRO FOOT: 4-BUMP (2 x 2, 0.8 mm PITCH)
4 x 0.30 ~ 0.31 Note 3 Solder Mask ~ 0.40
e A2 A A1 Bump Note 2 b Diameter e Recommended Land S Silicon
E
e
8435 XXX
e D Mark on Backside of Die S
Notes (Unless Otherwise Specified): 1. Laser mark on the silicon die back, coated with a thin metal. 2. Bumps are Sn/Ag/Cu. 3. Non-solder mask defined copper landing pad. 4. The flat side of wafers is oriented at the bottom. Millimetersa Min. 0.600 0.260 0.340 0.370 1.520 1.520 0.750 0.370 Max. 0.650 0.290 0.360 0.410 1.600 1.600 0.850 0.380 Min. 0.0236 0.0102 0.0134 0.0146 0.0598 0.0598 0.0295 0.0146
Dim. A A1 A2 b D E e S
Inches Max. 0.0256 0.0114 0.0142 0.0161 0.0630 0.0630 0.0335 0.0150
Notes: a. Use millimeters as the primary measurement.
www..com
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?73559.
Document Number: 73559 S-82119-Rev. D, 08-Sep-08
www.vishay.com 7
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
www..com
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SI8435DB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X